PART |
Description |
Maker |
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
NTLUD3191PZTAG NTLUD3191PZTBG NTLUD3191PZ |
Dual P-Channel 20 V MOSFET 1100 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET −20 V, −1.8 A, Cool Dual P−Channel, ESD, 1.6x1.6x0.55 mm UDFN Package
|
ON Semiconductor
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
FDS6890A FDS6890ANL DS6890ANL |
TRANSISTOR,MOSFET,MATCHED PAIR,N-CHANNEL,20V V(BR)DSS,7.5A I(D),SO From old datasheet system Dual N-Channel 2.5V Specified PowerTrench TM MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corp
|
USB10H |
Dual P-Channel 2.5V Specified PowerTrench MOSFET Dual P-Channel 2.5V Specified PowerTrench MOSFET(双P沟道 PowerTrench MOS场效应管(漏电流-1.9A, 漏源电压-20V,导通电.17Ω 1900 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Vishay Intertechnology, Inc.
|
NTHD4502N NTHD4502NT1 NTHD4502NT1G |
Power MOSFET 30 V, 2.9 A, Dual N-Channel, ChipFET™ POWER MOSFET 30 V, 3.9 A, DUAL N−CHANNEL CHIPFET Power MOSFET 30 V, 3.9 A, Dual N−Channel ChipFET 2200 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
IRF5850 IRF5850TR |
2200 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET -20V Dual P-Channel HEXFET Power MOSFET in a TSOP-6 package Ultra Low On-Resistance
|
International Rectifier
|
ZXMP62M832TA ZXMP62M832 |
MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1300 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ZXMD63P03X ZXMD63P03XTA ZXMD63P03XTC |
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 2000 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
EL7242CN EL7252CSZ-T7 EL7242 EL7242CS EL7242CS-T13 |
Dual Input, High Speed, Dual Channel Power MOSFET Driver 2 A 2 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
|